PART |
Description |
Maker |
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
6702 |
0 MHz - 2000 MHz, 290 deg - RF/MICROWAVE COAXIAL MECHANICAL PH SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
|
SPECTRUM CONTROL INC API Technologies Corp
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
MY51W MY51 MY51C MY51D MY51T |
Terminal Block; Number of Positions:3; Wire Size (AWG):14-4; Number of Contacts:3; Terminal Block Clamp Type:Power Distribution Block YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
X25F128SI-5 X25F128 X25F128P X25F128P-5 X25F128PE |
SerialFlashMemory With Block LockProtection SerialFlash⑩ Memory With Block Lock⑩ Protection SerialFlash Memory With Block Lock Protection
|
XICOR[Xicor Inc.]
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
102430 |
Terminal Block; Leaded Process Compatible:Yes; Mounting Type:Clipped; Wire Size (AWG):26-12; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes MODULAR TERMINAL BLOCK
|
Weidmuller, Corp.
|
SM-T-T-A-L-TL SM-T-T-A-TL-O SM-T-T-D-I-TL-O SM-T-T |
RF COAXIAL RELAY, SPDT, LATCHED, 25875mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 5750mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.424A (COIL), 28VDC (COIL), 11872mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.31A (COIL), 28VDC (COIL), 8680mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 5750mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
10DL2CZ47A 10FL2CZ47A 10GL2CZ47A |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes DIODE ( SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MB84VA2107-10 MB84VA2106-10 |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:11; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MRF03-6R-SMT-2 MRF03 MRF03-6P-0.8D MRF03-6P-0.8D-2 |
SMT Low-Profile Coaxial Multiple Contact Connectors SMT Low-Profile Coaxial Multiple Contact Connectors 2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, tin, 36 36-way 贴片低轮廓同轴连接器多联 SMT Low-Profile Coaxial Multiple Contact Connectors 贴片低轮廓同轴连接器多联
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
MV1471_CG_DPAS MV1471 MV1471_CG_DGAS MV1471/CG/DPA |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes HDB3/AMI ENCODER/DECODER
|
Zarlink Semiconductor Inc.
|